Part Number Hot Search : 
MCP9509C P25XC ZM2V7B SY5802 250BZI 1N3047C 6N100 20A60
Product Description
Full Text Search
 

To Download TSD2931-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
SD2931-10
RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
ADVANCE DATA

GOLD METALLIZATION EXCELLENT THERMAL STABILITY COMMON SOURCE CONFIGURATION POUT = 150W MIN. WITH 14 dB gain @175 MHz THERMALLY ENHANCED PACKAGING FOR LOWER JUNCTION TEMPERATURES M174 epoxy sealed ORDER CODE BRANDING SD2931-10 TSD2931-10
DESCRIPTION The SD2931-10 is a gold metallized N-Channel MOS field-effect RF power transistor. Being electrically identical to the standard SD2931 MOSFET, it is intended for use in 50V dc large signal applications up to 230 MHz. The SD2931-10 is mechanical compatible to the SD2931 but offers in addition a better thermal capability (25 % lower thermal resistance), representing the best-in-class transistors for ISM applications.
PIN CONNECTION
1. Drain 2. Source ABSOLUTE MAXIMUM RATINGS (Tcase = 25 oC)
Symbol V (BR)DSS V DGR V GS ID P DI SS Tj T STG Parameter Drain Source Voltage Drain-Gate Voltage (R GS = 1M) Gate-Source Voltage Drain Current Power Dissipation Max. O perating Junction Temperature Storage Temperature Value 125 125 20 20 389 200 -65 to 150
3.Gate 4. Source
Uni t V V V A W
o o
C C
THERMAL DATA
R th (j-c) R th(c -s) Junction-Case Thermal Resistance Case-Heatsink Thermal Resistance 0.45 0.2
o o
C/W C/W
* Determined using a flat aluminum or copper heatsink with thermal compound applied (Dow Corning 340 or equivalent).
March 2000
1/10
SD2931-10
ELECTRICAL SPECIFICATION (Tcase = 25 oC) STATIC
Symb ol V (BR)DSS I DSS I GSS V GS(Q) G FS C ISS C OSS C RSS
*
Parameter V GS = 0V V GS = 0V V GS = 20V VDS = 10V V GS = 10V V DS = 10V V GS = 0V V GS = 0V V GS = 0V I DS = 100 mA V DS = 50 V V DS = 0 V I D = 250 mA ID = 10 A ID = 5 A V DS = 50 V V DS = 50 V V DS = 50 V f = 1 MHz f = 1 MHz f = 1 MHz
Min. 125
Typ .
Max. 5 5
Un it V mA A V V mho
2.0 5 480 190 18
5.0 3.0
V DS( ON)
pF pF pF
REF. 7165489C
* VGS(Q) sorted with alpha/numeric code marked on unit.
DYNAMIC
Symb ol P OUT G PS D f = 175 MHz f = 175 MHz f = 175 MHz Parameter V DD = 50 V V DD = 50 V V DD = 50 V I DQ = 250 mA P ou t = 150 W P ou t = 150 W P ou t = 150 W IDQ = 250 mA IDQ = 250 mA IDQ = 250 mA Min. 150 14 55 10:1 15 65 Typ . Max. Un it W dB % VSW R
Load f = 175 MHz V DD = 50 V Mismatch All Phase Angles
IMPEDANCE DATA
VGS SORTS A B C D E F G H J K L M N P Q 2.0 - 2.1 2.1 - 2.2 2.2 - 2.3 2.3 - 2.4 2.4 - 2.5 2.5 - 2.6 2.6 - 2.7 2.7 - 2.8 2.8 - 2.9 2.9 - 3.0 3.0 - 3.1 3.1 - 3.2 3.2 - 3.3 3.3 - 3.4 3.4 - 3.5 R S T U V W X Y Z 2 3 4 5 6 7 3.5 - 3.6 3.6 - 3.7 3.7 - 3.8 3.8 - 3.9 3.9 - 4.0 4.0 - 4.1 4.1 - 4.2 4.2 - 4.3 4.3 - 4.4 4.4 - 4.5 4.5 - 4.6 4.6 - 4.7 4.7 - 4.8 4.8 - 4.9 4.9 - 5.0
F REQ . 30 MHz 175 MHz
Z IN () 1.7 - j 5.7 1.2 - j 2.0
Z DL () 6.8 + j 0.9 2.0 + j 2.4
2/10
SD2931-10
TYPICAL PERFORMANCE Capacitance vs Drain-Source Voltage
10000
Drain Current vs Gate Voltage
20
Tc=-20 C
ID, DRAIN CURRENT (A)
Tc=+25 C
C, CAPACITANCE (pF)
15
1000
f =1MHz
Ciss
10
Tc=+80 C
Coss
100
5
Crss
10 0 10 20 30 40 50
0 2 2.5 3 3.5 4 4.5 5 5.5 6
VDS, DRAIN-SOURCE VOLTAGE (V)
VGS, GATE-SOURCE VOLTAGE (V)
Gate-Source Voltages vs Case Temperature
Maximum Thermal Resistance vs Case Temperature
0.6
VGS, GATE-SOURCE VOLTAGE (NORMALIZED)
1.1
Id =9A Id =7A
1.05
Id =11A
Id =10A
1
RTH(j-c) (C/W)
Id =5A
0.56
0.52
0.95
Id =4A Id =2A
0.9
Id =.25A
Id =1A
0.48
0.85
Id =.1A
0.44 25 35 45 55 65 75 85
100
0.8 -25 0 25 50 75
Tc, CASE TEMPERATURE (C)
Tc, CASE TEMPERATURE (C)
DC Safe Operating Area
100
Ids(A)
10
(1)
1 1 10 100 1000
Vds(V) (1) Current in this area may be limited by Rds(on)
3/10
SD2931-10
TYPICAL PERFORMANCE (175 MHz) Output Power vs Input Power
250
Pout =50V
Output Power vs Input Power
270 240
Tc=-20 C Tc =+25 C
Pout, OUTPUT POWER(W)
Pout, OUTPUT POWER (W)
200
Pout =40V
210 180
150 100 50 0 0 5 10 15 20 25
f=175Mhz Idq=250mA
Tc =+80 C
150 120 90 60 30 0 0 5 10 15 20 25
Vdd=50V Id q=250mA f=175Mhz
Pin, INPUT POWER(W)
Pin, INPUT POWER(W)
Power Gain vs Output Power
15
Efficency vs Output Power
70
Nc, EFFICIENCY (%)
Gp, POWER GAIN (dB)
14
60
13
50
12
Vdd=50V Idq=250mA f=175Mhz
40
11
Vdd=50V Idq=250mA f=175Mhz
30 10 0 50 100 150 200 250 0 50 100 150 200 250
Pout, OUTPUT POWER (W)
Pout, OUTPUT POWER (W)
Output Power vs Supply Voltage
250
Pin =10W
Output Power vs Gate Voltage
Pout, OUTPUT POWER (W)
200
Tc =+25 C
Tc =-20 C
Pout,Output Power(W)
200
Pin =5W
150
Tc =+80 C
150
Pin =2.5W
100
100
50
50
Idq=250mA f=175Mhz
0 24 28 32 36 40 44 48 52
0 -3 -2 -1 0 1 2 3
Vdd,Drain Voltage(V)
VGS, GATE-SOURCE VOLTAGE(V)
4/10
SD2931-10
175 MHz Test Circuit Schematic (Production Test Circuit)
VG
+50V
Note : All dimensions in inches
REF. 1021579C
175 MHz Test Circuit Component Part List
T1 T2 FB1 FB2, FB3 FB4 L1 PCB R1, R3 R2 C1, C11 C2 C3, C8, C9 C4 C5 C6
4:1 Transformer, 25 ohm Flexible Coax .090 OD 6 " Long 1:4 Transformer, 25 ohm Semi-Rigid Coax .141 OD 6 " Long Toroid X 2, 0.5" OD .312" ID 850u 2 Turns VK200 Shield Bead, 1" OD 0.5" ID 850u 3 Turns 1/4Wave Choke, 50 ohm Semi-Rigid Coax .141 OD 12 " Long 0.062" Woven Fiberglass, 1 oz. Copper, 2 Sides, er = 2.55 470 ohm 1W Chip Resistor R4 20K ohm 10 Turn Potentiometer 360 ohm 1/2W Resistor R5 560 ohm 1W Resistor 470 pF ATC Chip Cap C7 30 pF ATC Chip Cap 43 pF ATC Chip Cap C10 91 pF ATC Chip Cap Arco 404, 12-65 pF C12, C15 1200 pF ATC Chip Cap Arco 423, 16-100 pF C13, C14 0.01 uF / 500V Chip Cap 120 pF ATC Chip Cap C16, C17 0.01 uF / 500V Chip Cap 0.01 uF ATC Chip Cap C18 10 uF 63V Electrolytic Capacitor
5/10
SD2931-10
175 MHz Test Circuit Photomaster
175 MHz Test Circuit
6/10
SD2931-10
TYPICAL PERFORMANCE (30 MHz) Output Power vs Input Power Power Gain vs Output Power
250
28.5
Pout, OUTPUT POWER(W)
200
PG, POWER GAIN (dB)
Vdd = 50V
28
150
Vdd = 40V
27.5
f = 30 MHz VDD = 50 V IDQ = 250 mA
100
f = 30 MHz IDQ = 250 mA
50
27
0 0.01 0.06 0.11 0.16 0.21 0.25 0.3013 0.35 0.40
26.5 0 50 100 150 200
Pin, INPUT POWER (W)
Pout, OUTPUT POWER (W)
Efficency vs Output Power
Output Power vs Supply Voltage
200
Pout, OUTPUT POWER(W)
60
Pin=.31 W Pin=.22 W
Efficiency(%)
50 40 30 20 10 0 0 50 100 150 200
f= 30 MHz VDD = 50 V IDQ = 250 mA
150
100
Pin=.13 W
50
f = 30 MHz IDQ = 250 mA
0 24 28 32 36 40 44 48 52
Pout, OUTPUT POWER (W)
VDD, SUPPLY VOLTAGE(V)
Output Power vs Gate Voltage
200
Pout, OUTPUT POWER (W)
T= +25 C T= -20 C
150
100
T= +80 C
50
VDD = 50 V IDQ = 250 mA f = 30 MHz Pin = Constant
0 0 1 2 3 4 5 6
VGS GATE-SOURCE VOLTAGE (V)
7/10
SD2931-10
30 MHz Test Circuit Schematic (Engineering Test Circuit)
VG
+
+50V
30 MHz Test Circuit Component Part List
T1 9:1 Transformer, 25 ohm Flexible Coax with extra shield .090 OD 15" Long T2 1:4 Transformer, 50 ohm Flexible Coax .225 OD 15" Long FB1 Toroid, 1.7" OD .30" ID 220u 4 Turns FB2 Surface Mount EMI Shield Bead FB3 Toroid, 1.7" OD .300" ID 220u 3 Turns RFC1 Toroid, 0.5" OD 0.30" ID, 125u 4 turns 12 awg wire PCB 0.062" Woven Fiberglass, 1 oz. Copper, 2 Sides, er = 2.55 C1, C4, C6, C7, C8, 0.01 uF ATC Chip Cap C5 470 pF ATC Chip Cap C9, C11, C12, C13 0.01 uF ATC Chip Cap C10 10 uF 63V Electrolytic Capacitor C2, C3 750 pF ATC Chip Cap C14 100 uF 63V Electrolytic Capacitor R1, R3 1K ohm 1W Chip Resistor R2 680 ohm 3W Wirewound Resistor
8/10
SD2931-10
M174 (.500 DIA 4L N/HERM W/FLG) MECHANICAL DATA
mm MIN. A B C D E F G H I J K L M 25.53 3.05 24.64 12.57 0.08 2.11 3.81 6.22 18.28 3.18 24.89 12.83 0.18 3.00 4.45 7.11 26.67 3.30 1.005 0.120 0.970 0.495 0.003 0.083 0.150 5.56 3.18 6.48 18.54 0.245 0.720 0.125 0.980 0.505 0.007 0.118 0.175 0.280 1.050 0.130 TYP. MAX. 5.84 MIN. 0.219 0.125 0.255 0.730 inch TYP. MAX. 0.230
DIM.
Controlling Dimension in Inches
1011000D
9/10
SD2931-10
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 2000 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com
10/10


▲Up To Search▲   

 
Price & Availability of TSD2931-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X